|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SC3666 TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) 2SC3666 Audio Power Amplifier Applications Unit: mm * * High DC current gain: hFE (1) = 100 to 320 High power dissipation: PC = 1000 mW Maximum Ratings (Ta = 25C) Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 30 30 5 1 0.1 1000 150 -55 to 150 Unit V V V A A mW C C JEDEC JEITA TOSHIBA 2-7D101A Electrical Characteristics (Ta = 25C) Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain (Note) hFE (2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat) VBE fT Cob Test Condition VCB = 30 V, IE = 0 VEB = 5 V, IC = 0 IC = 10 mA, IB = 0 VCE = 2 V, IC = 100 mA VCE = 2 V, IC = 800 mA IC = 800 mA, IB = 80 mA VCE = 2 V, IC = 800 mA VCE = 2 V, IC = 100 mA VCB = 10 V, f = 1 MHz Weight: 0.2 g (typ.) Min 30 100 40 Typ. 0.9 150 13 Max 100 100 320 0.5 1.5 V V MHz pF Unit nA nA V Note: hFE (1) classification O: 100 to 200, Y: 160 to 320 Marking C3666 Part No. (or abbreviation code) Lot No. Characteristics indicator A line indicates lead (Pb)-free package or lead (Pb)-free finish. 1 2004-07-07 2SC3666 IC - VCE 1200 Common emitter 1000 Ta = 25C 1000 500 hFE - IC Common emitter VCE = 2 V Ta = 100C hFE 5 4 9 8 (mA) 7 6 300 Collector current IC 800 DC current gain 100 50 30 -25 25 600 3 400 2 IB = 1 mA 10 1 3 10 30 100 300 1000 200 Collector current 0 0 0 1 2 3 4 5 6 IC (mA) Collector-emitter voltage VCE (V) VCE (sat) - IC 1 1000 Common emitter IC/IB = 10 500 300 IC - VBE Common emitter VCE = 2 V Collector-emitter saturation voltage VCE (sat) (V) 0.5 0.3 Ta = 100C 0.1 0.05 0.03 -25 25 (mA) Collector current IC 100 50 30 Ta = 100C 25 -25 10 5 3 1000 0.01 1 3 10 30 100 300 Collector current IC (mA) ) 1 0 0.4 0.8 1.2 1.6 2.0 Base-emitter voltage VBE (V) Safe Operating Area 5 PC - Ta 1.4 3 IC max (pulsed)* IC max (continuous) 1 ms* 10 ms* 1 (W) 1.2 IC (A) 0.5 0.3 100 ms* DC operation Ta = 25C PC Collector power dissipation 1.0 0.8 0.6 0.4 0.2 0 0 Collector current 0.1 0.05 0.03 *: Single nonrepetitive pulse 0.01 Ta = 25C Curves must be derated linearly with 0.005 increase in temperature. 20 40 60 80 100 120 140 160 0.003 0.1 0.3 1 3 10 30 100 Ambient temperature Ta (C) Collector-emitter voltage VCE (V) 2 2004-07-07 2SC3666 RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 030619EAA * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. 3 2004-07-07 |
Price & Availability of 2SC366604 |